Part Number Hot Search : 
LC7931D KMM366 TVS5V 1H102MC IRS2505L NCL30080 2SK2968 1SMC85
Product Description
Full Text Search
 

To Download LT104AC36100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product information features: (1) 10.4? xga color display with high brightness (400cd/m 2 ). (2) wide viewing angle and wide operating temperature. (3) built in long life leds (mtbf:70,000 h). ( conditions / t a:25 c, pwm=100%(continuing lighting)) (4) replaceable structure of led units. (5) mounting compatible with lta104d182f series. mechanical specifications item specifications dimensional outline (typ.) 242.0 ( w ) x 185.0 ( h ) x 13.4typ ( d ) mm number of pixels 1024 ( w ) x 768 ( h ) pixels active area 210.432 ( w ) x 157.824 ( h ) mm pixel pitch 0.2055 ( w ) x 0.2055 ( h ) weight (approximately) (600 g) backlight sidelight ( leds ) absolute maximum ratings item min. max. unit (v dd ), ( v pwm ) -0.3 4.0 v supply voltage (v led ) 0 20 v input signal voltage ( v in ) -0.3 v dd +0.3 v operating temperature -20 70 c storage temperature -30 80 c storage humidity (max. wet bulb temp. = 39 c) 10 90 %(rh) electrical specification ( t a=25 c) (recommended operation condition) item min. typ. max. unit remarks (v dd ) 3.0 3.3 3.6 v supply voltage (v led ) 10.8 12.0 13.2 v differential input voltage ( v id ) 0.25 --- 0.45 v common mode input voltage ( v cm ) 1.0 1.25 2.0 v high level input voltage ( v ih ) 2.2 --- v dd v u/d, l/r low level input voltage ( v il ) 0 --- 0.7 v u/d, l/r backlight on/off signal ( v on/off ) 2.2 --- v dd v on 0 --- 0.7 v off luminance control signal ( v pwm ) 0 --- 3.3 v (i dd ) *1 --- (230) --- ma current consumption (i led ) --- (430) --- ma pwm=100% power consumption *1 --- (5.9) --- w pwm=100% *1 : 8 color bars pattern optical specification ( t a=25 c) item min. typ. max. unit remarks contrast ratio ( cr) (250) (400) --- --- (upper+lower) --- 100 --- viewing angle ( cr 10) (left+right) --- 120 --- (t on ) --- (10) --- ms response time (t off ) --- (20) --- ms luminance ( l) 280 400 --- cd/m 2 pwm=100% lamp life time (mtbf)* 2 * 3 70,000 h pwm=100% *2 : conditions ; t a=25 c, continuous lighting *3 : definitions of failure ; 1) lcd luminance becomes hal f of the minimum value. 2) led doesn?t light normally. *the information contained herein is presented only as a guide for the applications of our products . no responsibility is assum ed by toshiba mobile display co., ltd or other rights of the third part ies which may result from its use. no license is granted by im plication r otherwise under any patent or patent rights of toshiba mobile display co., ltd or others. 26cm color tft-lcd module (10.4 type) LT104AC36100 (p-si tft) tentative rohs compatible all information is sub j ect to chan g e without notice. please read bottom notes. toshiba mobile dis p la y co., ltd o *the information contained herein may be changed without prior notice. it is therefore advisable to contact toshiba mobile disp lay co., ltd before proceeding with the design of equipment incorporating this product. (1/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 tentative unit : mm standard tolerance : +/-0.5 dimensional outline 4.2 210.432(active area) 235 233.3+/-0.3 237.2 242 2.5 20.05 13.2 14.45 4.2 163.7(bezel opening) 161.7+/-0.3 185 16.784 233.3+/-0.3 242 157.824(active area) 15.888 215.1(bezel opening) 132.6+/-0.3 29.95 20.2 (94.8) (122) 1 1 2 - r 1 . 7 2 - r 1 . 7 3 . 4 3 . 4 13.4 5.6 (2/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 tentative unit : mm standard tolerance : +/-0.5 dimensional outline 125.95+/-1 55.95+/-1 176.5+/-1 221.8+/-1 1 6 1 20 cn1 cn2 (3/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 block diagram sequence of power supplies and signals note 1) when turn v dd on and turn it off, the form of voltage should be input with no ripple signal. note 2) refer to e 2 prom(s-24cs01a) specifications by seiko instruments inc. for edid. ( 2009-5-25 (ver.0.6r) 4/11) 5 0 0 m s ( m i n . ) 0.2v 0.2v 3 . 0 v 0 . 1 m s ( m i n . ) 1 0 0 m s ( m a x . ) 2 5 0 m s ( m i n . ) 0 m s ( m i n . ) v cm v id v on/off 4 0 m s ( m a x . ) 0 m s ( m i n . ) 4 0 m s ( m a x . ) 0 m s ( m i n . ) 0.2v 0.2v 3 . 0 v 0.2v dd v 0.2v clk data edid edid 0 . 5 m s ( m i n . ) 3 . 0 v 3 . 0 v 5 0 m s ( m a x . ) 0 m s ( m i n . ) rxin0+/- rxin1+/- rxin2+/- clk+/- led driver on/off x-driver ic lcd panel y-driver ic manipulation gray scale circuit generation voltage panel converter dc/dc controller cn1 i/f connector connector cn2 led driver board leds leds leds 1024 x 768 pixels x,y x,2 x,1 1,y 1,2 1,1 768 pixels 1024 pixels 1024,1 1024,2 1024,y 1024,768 1,768 x,768 www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 timing chart t t t t v vd h h nclk (1) vertical timing y 4 3 2 1line t t c t h hd nclk (2) horizontal timing x,y 7,y6,y5,y4,y 3,y 2,y1,y de de 1024,y 1023,y 1022,y 1021,y 768 767 766 rgb data rgb data (5/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 timing specification * 1 * 2 * 3 * 4 * 5 * 6 item symbol min. typ. max. unit remarks frame period t v 778 x t h 806 x t h 16.66 860 x t h 17.86 --- ms vertical display term t vd 768 x t h 768 x t h 768 x t h --- one line scanning time t h 1334 x t c 20.5 1344 x t c 20.7 1462 x t c --- --- s horizontal display term t hd 1024 x t c 1024 x t c 1024 x t c --- clock period t c 15.0 15.384 16.0 ns note 1) refer to ?timing chart? and lvds (thc63lvdf84a) specifications by thine electronics,inc. note 2) if enab is fixed to "h" or "l" level for certain peri od while nclk is supplied, the panel displays black with some flicker. note 3) don't fix nclk to "h" or "l" level while the vdd is supplied. if nclk is fixed to "h" or "l" level for certain period while enab is spplied, the panel may be damaged. when it holds on, dc voltage supplies to liquid crystal materials and it may cause damage to liquid crystal materials. note 4) please adjust lcd operating signal timing and led pwm frequency, to optimize the display quality. there is a possibility that flicker is observed by the in terference of lcd operating signal timing and pwm condition (especially driving frequency), even if the condition satisfies above ti ming specifications and recommended operating conditions shown on page 1. note 5) do not make t v, t vd and t h fluctuate. if t v, t vd and t h are fluctuate, the pa nel displays black. note 6) keep constant the number of clock within one li ne scanning time and the number of scanning line within one flame period. (6/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 connector pin assignment for interface cn1 input signal connector : 20268-020e-12f / i-pex co., ltd. mating connector : 20230-020b-f or 20230-t 20-f or 20230-w20b-f / i-pex co.,ltd. df19g-20s-1c(plug), df19a-2830scfa(crimp c ontact) / hirose electric co., ltd. terminal no. symbol function 1 v dd +3.3v power supply 2 v dd +3.3v power supply 3 gnd* 1 4 gnd* 1 5 rxin0- negative lvds differential data input (r0-r5, g0)* 3 6 rxin0+ positive lvds differen tial data input (r0-r5, g0) * 3 7 gnd* 1 8 rxin1- negative lvds differential data input (g1-g5, b0-b1) * 3 9 rxin1+ positive lvds differenti al data input (g1-g5, b0-b1) * 3 10 gnd* 1 11 rxin2- negative lvds differential data input (b2-b5, hs, vs, de) * 3 12 rxin2+ positive lvds differential data input (b2-b5, hs, vs, de) * 3 13 gnd* 1 14 clk- clock signal (-) 15 clk+ clock signal (+) 16 clk edid ddc clock 17 u/d vertical reverse(?l? level or open : normal, ?h? level : reverse) 18 l/r horizontal reverse(?l? level or open : normal, ?h? level : reverse) 19 nc* 2 non connection (open) 20 data edid ddc data note 1) please connect gnd pin to ground. don?t us e it as no-connect nor connection with high impedance. note 2) please connect nc pin to nothing. don? t connect it to ground nor to other signal input. note 3) refer to next page. cn2 led input signal connector : 53261-0671 / molex inc. mating connector : 51021-0600 / molex inc. terminal no. symbol function 1 vled power supply : +12v 2 vled power supply : +12v 3 vss gnd 4 vss gnd 5 on/off ?h(+3.3v)?:on, ?l(gnd or open)?:off 6 pwm 1-100%(200hz) (7/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 recommended transmitter (thc63lvdf63a, th c63lvdm63a by thine electronics, inc.) to LT104AC36100 interface assignment case1: 6bit transmitter thc63lvdf63a, thc63lvdm63a input terminal no. input signal (graphics controller output signal) LT104AC36100 interface (cn1) symbol terminal symbol function output signal symbol terminal symbol ta0 44 r0 red pixels display data (lsb) ta1 45 r1 red pixels display data ta2 47 r2 red pixels display data ta3 48 r3 red pixels display data ta4 1 r4 red pixels display data ta5 3 r5 red pixels display data (msb) ta6 4 g0 green pixels display data (lsb) ta- ta+ no.5 no.6 rxin0- rxin0+ tb0 6 g1 green pixels display data tb1 7 g2 green pixels display data tb2 9 g3 green pixels display data tb3 10 g4 green pixels display data tb4 12 g5 green pixels display data (msb) tb5 13 b0 blue pixels display data (lsb) tb6 15 b1 blue pixels display data tb- tb+ no.8 no.9 rxin1- rxin1+ tc0 16 b2 blue pixels display data tc1 18 b3 blue pixels display data tc2 19 b4 blue pixels display data tc3 20 b5 blue pixels display data (msb) tc4 22 hsync h-sync tc5 23 vsync v-sync tc6 25 de compound synchronization signal tc- tc+ no.11 no.12 rxin2- rxin2+ clk in 26 nclk data sampling clock tclk- tclk+ no.14 no.15 clk- clk+ note 1) please connect nc pin to nothing. don't connect it to ground nor to other signal input. g0 r0 g1 b2 hsync vsync de rx in0 rx in1 rx in2 ta0 ta 2 ta 3 ta4 ta 5 ta6 r5 r4 r3 r2 r1 g5 b0 g4 g3 g2 b1 b4 b5 b3 tc 5 tc 4 tc 3 tc 2 tc 6 tb6 tb5 tb4 tb 3 tb 2 tb0 tb1 tc 0 tc 1 ta 1 (8/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 recommended transmitter (thc63lvdm83d, th c63lvdm83r by thine electronics, inc.) to LT104AC36100 interface assignment case2: 8bit transmitter thc63lvdm83d,thc63lvdm83r input terminal no. input signal (graphics controller output signal) LT104AC36100 interface (cn1) symbol terminal symbol function output signal symbol terminal symbol ta0 51 r0 red pixels display data (lsb) ta1 52 r1 red pixels display data ta2 54 r2 red pixels display data ta3 55 r3 red pixels display data ta4 56 r4 red pixels display data ta5 3 r5 red pixels display data (msb) ta6 4 g0 green pixels display data(lsb) ta- ta+ no.5 no.6 rxin0- rxin0+ tb0 6 g1 green pixels display data tb1 7 g2 green pixels display data tb2 11 g3 green pixels display data tb3 12 g4 green pixels display data tb4 14 g5 green pixels display data(msb) tb5 15 b0 blue pixels display data (lsb) tb6 19 b1 blue pixels display data tb- tb+ no.8 no.9 rxin1- rxin1+ tc0 20 b2 blue pixels display data tc1 22 b3 blue pixels display data tc2 23 b4 blue pixels display data tc3 24 b5 blue pixels display data (msb) tc4 27 hsync h-sync tc5 28 vsync v-sync tc6 30 de compound synchronization signal tc- tc+ no.11 no.12 rxin2- rxin2+ td0 50 nc* 1 non connection (open) td1 2 nc* 1 non connection (open) td2 8 nc* 1 non connection (open) td3 10 nc* 1 non connection (open) td4 16 nc* 1 non connection (open) td5 18 nc* 1 non connection (open) td6 25 nc* 1 non connection (open) td- td+ clk in 31 nclk data sampling clock tclk- tclk+ no.14 no.15 clk- clk+ note 1) please connect nc pin to nothing. don't connect it to ground nor to other signal input. g0 r0 g1 b2 nc nc nc nc hsync vsync de rx in0 rx in1 rx in2 rx in3 ta0 ta 2 ta 3 ta4 ta 5 ta6 r5 r4 r3 r2 r1 g5 b0 g4 g3 g2 b1 b4 b5 b3 nc nc nc td 6 td 5 td 4 td 3 td 2 td 1 tc 5 tc 4 tc 3 tc 2 tc 6 tb6 tb5 tb4 tb 3 tb 2 tb0 tb1 tc 0 td 0 tc 1 ta 1 (9/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 256k (k=1024) colors combination table display r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 gray scale level black l l l l l l l l l l l l l l l l l l --- blue l l l l l l l l l l l l h h h h h h --- green l l l l l l h h h h h h l l l l l l --- light blue l l l l l l h h h h h h h h h h h h --- red h h h h h h l l l l l l l l l l l l --- purple h h h h h h l l l l l l h h h h h h --- yellow h h h h h h h h h h h h l l l l l l --- basic color white h h h h h h h h h h h h h h h h h h --- black l l l l l l l l l l l l l l l l l l l 0 l l l l l h l l l l l l l l l l l l l 1 l l l l h l l l l l l l l l l l l l l 2 : : : : : : l3 l60 h h h h l h l l l l l l l l l l l l l61 dark light h h h h h l l l l l l l l l l l l l l62 gray scale of red red h h h h h h l l l l l l l l l l l l red l63 black l l l l l l l l l l l l l l l l l l l 0 l l l l l l l l l l l h l l l l l l l 1 l l l l l l l l l l h l l l l l l l l 2 : : : : : : l3 l60 l l l l l l h h h h l h l l l l l l l61 dark light l l l l l l h h h h h l l l l l l l l62 gray scale of green green l l l l l l h h h h h h l l l l l l green l63 black l l l l l l l l l l l l l l l l l l l 0 l l l l l l l l l l l l l l l l l h l 1 l l l l l l l l l l l l l l l l h l l 2 : : : : : : l3 l60 l l l l l l l l l l l l h h h h l h l61 dark light l l l l l l l l l l l l h h h h h l l62 gray scale of blue blue l l l l l l l l l l l l h h h h h h blue l63 black l l l l l l l l l l l l l l l l l l l 0 l l l l l h l l l l l h l l l l l h l 1 l l l l h l l l l l h l l l l l h l l 2 : : : : : : l3 l60 h h h h l h h h h h l h h h h h l h l61 dark light h h h h h l h h h h h l h h h h h l l62 gray scale of white & black white h h h h h h h h h h h h h h h h h h white l63 (10/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/
LT104AC36100 for safety ! lcd module is generally designed with precise parts to achieve light weighted thin mechanical dimensions. in using our modules, make certain that you fully understand and put into practice the warnings and safety precautions detailed in engineering information no.ee-n001,"caut ions and instructions for toshiba lcd modules". refer to individual specifications and technical data s heets (hereinafter called "td") for more detailed technical information. 1) special purposes a) toshiba mobile display co., ltd 's standard lcd mo dules have not been customized for operation in extreme environments or for use in applications where performance fa ilures could be life-threatening or otherwise catastrophic. b) since toshiba mobile display co., ltd 's standard lcd modules have not been desig ned for operation in extreme environments, they must never be used in devices that will be exposed to abnormally high levels of vibration or shock which exceed toshiba mobile display co., ltd 's published specification limits. c) in addition, since toshiba mobile display co., ltd st andard lcd modules have not been designed for use in applications where performance failures could be life-threatening or catastr ophic, they must never be installed in aircraft navigation control systems (such as, but not limited to traffic collision av oidance system and air traffic i ndicator), in military defense or weapons systems, in critical industrial proc ess-control systems (e.g., those involved in the production of nuclear energy), or in critical medical device or patient life-support systems. 2) disassembling or modification do not disassemble or modify the module. it may damage sensitive pa rts inside lcd module, and may cause scratches or dust on the display. toshiba mobile display co., ltd doses not warrant t he module, if customer di sassembled or modified it. 3) breakage of lcd panel do not ingest liquid crystal material, do not inhale this material, and do not contact the material with skin, if lcd panel is broken and liquid crystal material spills out. if liquid crystal material comes into mouth or eyes, rinse mouth or eyes out with water immediately. if this material contact with skin or cl oths, wash it off immediately with al cohol and rinse thoroughly with water. 4) glass of lcd panel be careful with chips of glass that may cause injuring fingers or skin, when the glass is broken. 5) electric shock disconnect power supply before handling lcd module. do not touch the parts inside lcd module and the fluorescent la mp's connector or cables in order to prevent electric shock, because high voltage is supplied to these parts from the inverter unit while power supply is turned on. 6) absolute maximum ratings and power protection circuit do not exceed the absolute maximum rating values under the worst probable conditions caused by the supply voltage variation, input voltage variation, variation in parts' constants, environmental temperature, etc., otherwise lcd module may be damaged. employ protection circuit for power supply, whe never the specification or td specifies it. suitable protection circuit should be applied for each system design. 7) recommended operation conditions the performance and quality of the lcd panel are warranted only when the lcd panel is used within ?the recommended operation conditions?. toshiba mobile di splay co., ltd. never warrants the perfo rmance and quality of the lcd panel when you use the lcd panel over ?the recommended operation cond itions?, although within ?the absolute maximum rating?. to use the lcd panel over ?the recommended operation conditions? may have bad influence on the characteristics and reliability of the lcd panel and may shorten the life of the lcd panel. therefore, when designing the whole set, not to be over ?the recommended operation c onditions?, you should fully take care of supply voltage change, characteristic of connection parts, serge of input-and-output li ne, and surrounding temperature. 8) disposal when dispose lcd module, obey to the applicable environmental regulations. (11/11) 2009-5-25 (ver.0.6r) www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LT104AC36100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X